Part Number Hot Search : 
42100 AL4CA05 110001 M5240 SMCJ150 LTC4413 MPC857T TDA6120
Product Description
Full Text Search
 

To Download KD1-0R25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
frame information kd series kd series resettable pushbutton circuit protector provides basic thermal protection. ratings from 0.25 ?20 amperes. ul recognized. the kd pushbutton circuit protector provides circuit protection similar to a fuse but does not require replace- ment after a fault. this reset- table design allows your customer to stay online and eliminate downtime. easy installation the kd series is easily installed in a 5/8?round or d-shaped panel cutout similar to that used on conventional panel- mounted fuse holders. it can be mounted from either the front or rear and is held in place by special hardware. its 1/4?quick-connect terminals are solderable. industry approvals the kd series has been tested to meet the requirements of ul 1077, and is recognized as a supplemental protector by ul. we also carry csa approval for applications in canada. positive action the kd pushbutton circuit protector trips without delay on short circuit, and with a controlled delay upon sustained overloads upon tripping, the contacts open with a positive snap action, thereby suppress- ing the arc. protective covers for applications where equip- ment may be exposed to dust or moisture, protective boots are available. two styles are available, one which protects the breaker from splashing water and another which seals the panel opening. to order the slip-on boot, choose catalog number 006-10469 or for a panel sealing version, purchase catalog number 006-10528. standard product offering current catalog number 0.25 a KD1-0R25 0.50 a kd1-0r50 0.75 a kd1-0r75 1.00 a kd1-1 1.50 a kd1-1r5 1.75 a kd1-1r75 2.00 a kd1-2 2.50 a kd1-2r5 3.00 a kd1-3 4.00 a kd1-4 5.00 a kd1-5 6.00 a kd1-6 7.00 a kd1-7 8.00 a kd1-8 9.00 a kd1-9 10.00 a kd1-10 15.00 a kd1-15 20.00 a kd1-20 typical dimensions 14 eaton corporation frame information ?kd series 0.625 0.250 dia 0.250 wh i te button 0. 37 5 0. 37 5 with front mount clip installed 0.287 0.7 5 0 7 panel mounting hole 0. 33 5 dia h e - c i r k - k - k i t t p a n e l m t g . h ol e f o r p a n e l t h i c k n e ss 1/ 3 2 t h r u 1/ 8 0.063 0. 95 3 dia . #006-10417 retaining ring 0.360 max ? 0. 797 0.6 2 5 0. 7 5 0 #006-10478 front mount clip accessories




▲Up To Search▲   

 
Price & Availability of KD1-0R25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X